Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3117G-35-AE3-I-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD3117G-35-AE3-I-R
Description  500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3117G-35-AE3-I-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LD3117G-35-AE3-I-R Datasheet HTML 1Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 2Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 3Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LD3117
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R102-104.a
MARKING INFORMATION
PACKAGE
VOLTAGE
CODE
PIN
CODE
PIN 1 PIN 2 PIN 3
MARKING
A
G
O
I
B
O
G
I
C
G
I
O
SOT-23
15:1.5V
18:1.8V
22:2.2V
25:2.5V
27:2.7V
28:2.8V
29:2.9V
30:3.0V
33:3.3V
35:3.5V
36:3.6V
37:3.7V
47:4.7V
50:5.0V
AD:ADJ
D
I
G
O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com