Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR7523L-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR7523L-AF5-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR7523L-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR7523L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UR7523L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UR75XX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-B66.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
123
UR75XX
Date Code
L: Lead Free
G: Halogen Free
Voltage Code
SOT-25
TO-92
15:1.5V
18:1.8V
21:2.1V
23:2.3V
25:2.5V
27:2.7V
30:3.0V
33:3.3V
36:3.6V
40:4.0V
44:4.4V
50:5.0V
60:6.0V
70:7.0V
80:8.0V
90:9.0V
10:10V
12:12V
BLOCK DIAGRAM
VREF
3
1
2
VOUT
GND
VIN
VREF
RS
VFB
-
+
EA
RF
Current
Limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com