Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EADCD040YA2 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EADCD040YA2
Description  Display  Through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EADCD040YA2 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EADCD040YA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EADCD040YA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EADCD040YA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EADCD040YA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EADCD040YA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EADCD040YA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET
Display
Through-hole
EADCD040YA2
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : May 15, 2014
Issue No : DDF-0001884. Rev.2
www.everlightamericas.com
Package Dimension & Internal Circuit Diagram
Note: Tolerances unless mentioned ±0.25mm. Unit = mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com