Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA201 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA201
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA201 Datasheet HTML 4Page - ON Semiconductor FSA201 Datasheet HTML 5Page - ON Semiconductor FSA201 Datasheet HTML 6Page - ON Semiconductor FSA201 Datasheet HTML 7Page - ON Semiconductor FSA201 Datasheet HTML 8Page - ON Semiconductor FSA201 Datasheet HTML 9Page - ON Semiconductor FSA201 Datasheet HTML 10Page - ON Semiconductor FSA201 Datasheet HTML 11Page - ON Semiconductor FSA201 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
7
AC Electrical Characteristics
All typical value are for VAUDIO=3.3V and VBUS=5.0 at 25ºC unless otherwise specified.
Symbol
Parameter
VAUDIO/VBUS (V)
Condition
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
tONAUDIO1
Turn-On Time VAUDIO
↑
to Output
VBUS = 0V
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 18
10
μs
tOFFAUDIO1
Turn-Off Time VBUS
↑ to
Output
VAUDIO=2.7 for
VBUS
↑
VD+/R, D-/L=1.0V
RL
=50
Ω, CL=50pF
Figure 16, Figure 18
10
μs
tONAUDIO2
Turn-On Time ASEL to
Output
VBUS=4.25V
VAUDIO=2.7
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 17
1
μs
tOFFAUDIO2
Turn-Off Time ASEL to
Output
VBUS =4.25V
VAUDIO=2.7
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 18
1
μs
tONAUDIO3
Turn-On Time VBUS
↓ to
Output
VAUDIO=2.7
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 17
10
μs
tONUSB
Turn-On Time VUSB
↑ to
Output
VAUDIO = 2.7
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 18
10
μs
tOFFUSB
Turn-Off Time VUSB
↓ to
Output
VAUDIO=2.7
VD+/R, D-/L=1.0V
RL=50
Ω, CL=50pF
Figure 16, Figure 18
10
μs
tPDUSB
USB Switch
Propagation Delay
(8)
VAUDIO=2.7
VBUS=4.25V
RL=50
Ω, CL=50pF
Figure 19
0.25
ns
OIRRUSB
Off-Isolation - USB
VAUDIO=2.7
VBUS=4.25V
f=6MHz, RT=50
Ω,
CL=0pF
Figure 8, Figure 23
-55
dB
OIRRA
Off-Isolation - Audio
VAUDIO=2.7
VBUS=4.25V
f=6MHz, RT=50
Ω,
CL=0pF
Figure 7, Figure 23
-37
dB
XtalkUSB
Non-Adjacent Channel
Crosstalk - USB
VAUDIO=2.7
VBUS=4.25V
f=6MHz, RT=50
Ω, CL=0pF
Figure 10, Figure 24
-49
dB
XtalkA
Non-Adjacent Channel
Crosstalk - Audio
VAUDIO=2.7
VBUS=4.25V
f=6MHz, RT=50
Ω, CL=0pF
Figure 9, Figure 24
-39
dB
BW
-3db Bandwidth
VAUDIO=2.7
VBUS=4.25V
RT=50
Ω, CL=0pF,
Signal 0dBm
Figure 11, Figure 12,
Figure 22
400
MHz
THD
Total Harmonic
Distortion
VAUDIO=2.7
VBUS=0V
f=20Hz to 20kHz,
RL=32
Ω, VR,L=2Vpp
Figure 27
0.05
%
PSRR
Power Supply
Rejection Ratio
VAUDIO=3.3
VBUS=0V
f=217Hz on VAUDIO
VR,L=1.0V, RT=32
Ω,
VRipple=600mVpp
-56
dB
Note:
8.
Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com