Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2467MPX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSA2467MPX
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467MPX Datasheet(HTML) 1 Page - ON Semiconductor

  FSA2467MPX Datasheet HTML 1Page - ON Semiconductor FSA2467MPX Datasheet HTML 2Page - ON Semiconductor FSA2467MPX Datasheet HTML 3Page - ON Semiconductor FSA2467MPX Datasheet HTML 4Page - ON Semiconductor FSA2467MPX Datasheet HTML 5Page - ON Semiconductor FSA2467MPX Datasheet HTML 6Page - ON Semiconductor FSA2467MPX Datasheet HTML 7Page - ON Semiconductor FSA2467MPX Datasheet HTML 8Page - ON Semiconductor FSA2467MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
To learn more about ON Semiconductor, please visit our website at
www.onsemi.com
Please note: As part of the Fairchild Semiconductor integration, some of the Fairchild orderable part numbers
will need to change in order to meet ON Semiconductor’s system requirements. Since the ON Semiconductor
product management systems do not have the ability to manage part nomenclature that utilizes an underscore
(_), the underscore (_) in the Fairchild part numbers will be changed to a dash (-). This document may contain
device numbers with an underscore (_). Please check the ON Semiconductor website to verify the updated
device numbers. The most current and up-to-date ordering information can be found at www.onsemi.com. Please
email any questions regarding the system integration to Fairchild_questions@onsemi.com.
Is Now Part of
ON Semiconductor and the ON Semiconductor logo are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right
to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using ON
Semiconductor products, including compliance with all laws, regulations and safety requirements or standards, regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON
Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s
technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any FDA
Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended
or unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor
is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - FSA2467MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467MPX FAIRCHILD-FSA2467MPX Datasheet
397Kb / 11P
0.4W Low Voltage Dual SPDT Analog Switch
FSA2467MPX FAIRCHILD-FSA2467MPX Datasheet
724Kb / 12P
0.4廓 Low-Voltage Dual DPDT Analog Switch
FSA2467MPX FAIRCHILD-FSA2467MPX_12 Datasheet
872Kb / 11P
0.4廓 Low-Voltage Dual DPDT Analog Switch
More results

Similar Description - FSA2467MPX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
Low-Voltage, Low rON, Dual DPDT Analog Switch
03-Mar-03
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
Low-Voltage, Low ON, Dual DPDT Analog Switch
26-May-03
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
Low-Voltage, Low rON, Dual DPDT Analog Switch
30-Apr-07
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
DG2017 VISHAY-DG2017_11 Datasheet
188Kb / 11P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
logo
Alpha & Omega Semicondu...
AOZ6274 AOSMD-AOZ6274 Datasheet
434Kb / 9P
0.3ohm Low-Voltage Dual-DPDT Analog Switch
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
0.35ohm Low-Voltage Dual-DPDT Analog Switch
logo
Vishay Siliconix
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
DG3015 VISHAY-DG3015_V01 Datasheet
168Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
30-Apr-07
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com