Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS3157 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS3157
Description  Low Voltage SPDT Mux / Demux Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3157 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS3157 Datasheet HTML 1Page - ON Semiconductor NLAS3157 Datasheet HTML 2Page - ON Semiconductor NLAS3157 Datasheet HTML 3Page - ON Semiconductor NLAS3157 Datasheet HTML 4Page - ON Semiconductor NLAS3157 Datasheet HTML 5Page - ON Semiconductor NLAS3157 Datasheet HTML 6Page - ON Semiconductor NLAS3157 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NLAS3157, NLAS3257
www.onsemi.com
2
Table 1. MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +5.5
V
VIN
Control Input Voltage (S Pin)
−0.5 to +5.5
V
VIS
Switch Input / Output Voltage (A, BO, B1 Pins)
−0.5 to VCC + 0.5
V
IIK
Control DC Input Diode Current (S Pin)
VIN < GND
−50
mA
IOK
Switch I/O Port DC Diode Current (A, BO, B1 Pins)
VI/O < GND or VI/O > VCC
±50
mA
IO
On−State Switch Current
±128
mA
Continuous Current Through VCC or GND
±150
mA
ICC
DC Supply Current per Supply Pin
±150
mA
IGND
DC Ground Current per Ground Pin
±150
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
qJA
Thermal Resistance (Note 1)
407
°C/W
PD
Power Dissipation in Still Air at 85
°C (Note 1)
1.5
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Mode (Note 2)
Machine Mode (Note 3)
Charged Device Mode (Note 4)
>8000
>300
>2000
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 85°C (Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow
.
2. Tested to EIA/ JESD22−A114−A
3. Tested to EIA/ JESD22−A115−A
4. Tested to JESD22−C101−A
5. Tested to EIA / JESD78
Table 2. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
4.5
V
VI
Control Input Voltage (S Pin)
0
4.5
V
VIS
Switch Input / Output Voltage (A, BO, B1 Pins)
0
VCC
V
TA
Operating Free−Air Temperature
−40
+85
°C
Dt / DV
Input Transition Rise or Fall Rate
Control Input
Switch I/O
0
0
5
DC
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com