Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHB21H-R18112 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSHB21H-R18112
Description  KEMET, SSHB21H, Commercial Grade, 0.0112 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSHB21H-R18112 Datasheet(HTML) 1 Page - Kemet Corporation

  SSHB21H-R18112 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SSHB21H-R18112
KEMET, SSHB21H, Commercial Grade, 0.0112 H
Dimensions
L
26mm MAX
T
23mm MAX
H
15.5mm MAX
S
15mm +/-0.5mm
S1
21mm NOM
LL
3.5mm +/-0.5mm
F
0.8mm NOM
Packaging Specifications
Weight: 14 g
Packaging: Bulk
General Information
Series: SSHB21H
Style: Through-Hole Choke
Description:
Common Mode Filter, SS Coils,
SSHB21H, High Impedance
Type
RoHS: Yes
Miscellaneous: Temperature Rise Maximum: 65
K
Notes: Marking: R18 Lot No.
Specifications
Inductance: 11.2 mH (10 kHz)
Temperature Range: -25/+120C
Rated Temperature: 120C
Current: 1.8 Amps
Voltage AC: 250 VAC
Withstanding Voltage: 2400 VDC
Insulation Resistance: 100 MOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 4/11/2018 - 2bf8ceed-b6d6-4238-959a-d5dd9f238f9a


Similar Part No. - SSHB21H-R18112

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-R10377 KEMET-SSHB21H-R10377 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0377 H
SSHB21H-R12296 KEMET-SSHB21H-R12296 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0296 H
SSHB21H-R15164 KEMET-SSHB21H-R15164 Datasheet
112Kb / 1P
KEMET, SSHB21H, AC Line Filters, Dual Mode, 0.0164 H
More results

Similar Description - SSHB21H-R18112

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSHB21H-R06825 KEMET-SSHB21H-R06825 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0825 H
SSHB21H-R07700 KEMET-SSHB21H-R07700 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.07 H
SSHB21H-R10377 KEMET-SSHB21H-R10377 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0377 H
SSHB21H-R031580 KEMET-SSHB21H-R031580 Datasheet
103Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.158 H
SSHB21H-R041250 KEMET-SSHB21H-R041250 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.125 H
SSHB21H-R051100 KEMET-SSHB21H-R051100 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.11 H
SSHB21H-03770 KEMET-SSHB21H-03770 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.077 H
SSHB21H-04610 KEMET-SSHB21H-04610 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.061 H
SSHB21H-05535 KEMET-SSHB21H-05535 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0535 H
SSHB21H-R12296 KEMET-SSHB21H-R12296 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.0296 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com