Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30-14IO1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CS30-14IO1
Description  Thyristor Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS30-14IO1 Datasheet(HTML) 5 Page - IXYS Corporation

  CS30-14IO1 Datasheet HTML 1Page - IXYS Corporation CS30-14IO1 Datasheet HTML 2Page - IXYS Corporation CS30-14IO1 Datasheet HTML 3Page - IXYS Corporation CS30-14IO1 Datasheet HTML 4Page - IXYS Corporation CS30-14IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CS30-14io1
0,01
0,1
1
100
150
200
250
300
350
400
0,5
1,0
1,5
2,0
0
20
40
60
80
100
101
102
103
104
0,0
0,2
0,4
0,6
I
TSM
[A]
I
T
[A]
V
T [V]
t [ms]
Z
thJC
[K/W]
2
3
4 5 6 7 8 9 0
1
1
100
1000
I
2t
[A
2s]
t [ms]
I
T(AV)M
[A]
T
C [°C]
0
25
50
75
100 125 150
0
20
40
60
80
Fig. 1 Forward characteristics
Fig. 3 I
2t versus time (1-10 ms)
t [s]
Fig. 6 Max. forward current
at case temperature
Fig. 2 Surge overload current
Fig. 8 Transient thermal impedance junction to case
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
125°C
150°C
0
10
20
30
40
0
10
20
30
40
50
60
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
dc =
1
0.5
0.4
0.33
0.17
0.08
10
100
1000
1
10
100
1000
1
10
100
1000
10000
0,1
1
10
I
G [mA]
V
G
[V]
t
gd
[µs]
I
G [mA]
typ.
Limit
T
VJ = 125°C
Fig. 4 Gate trigger characteristics
Fig. 5 Gate controlled delay time
1: I
GD, TVJ = 150°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
R
thHA
0.6
0.8
1.0
2.0
4.0
8.0
dc =
1
0.5
0.4
0.33
0.17
0.08
4: P
GAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
R
thi [K/W]
t
i [s]
0.08
0.01
0.06
0.0001
0.2
0.02
0.05
0.2
0.11
0.11
6
5
4
3
2
1
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com