Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS45-16IO1R Datasheet(PDF) 4 Page - IXYS Corporation

Part # CS45-16IO1R
Description  Thyristor Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS45-16IO1R Datasheet(HTML) 4 Page - IXYS Corporation

  CS45-16IO1R Datasheet HTML 1Page - IXYS Corporation CS45-16IO1R Datasheet HTML 2Page - IXYS Corporation CS45-16IO1R Datasheet HTML 3Page - IXYS Corporation CS45-16IO1R Datasheet HTML 4Page - IXYS Corporation CS45-16IO1R Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CS45-16io1R
Die konvexe Form des Substrates ist typ. < 0.04 mm über der
Kunststoffoberfläche der Bauteilunterseite
The convex bow of substrate is typ. < 0.04 mm over plastic
surface level of device bottom side
Die Gehäuseabmessungen entsprechen dem Typ TO-247 AD
gemäß JEDEC außer Schraubloch und Lmax.
This drawing will meet all dimensions requiarement of JEDEC
outline TO-247 AD except screw hole and except Lmax.
min
max
min
max
A
4.83
5.21
0.190
0.205
A1
2.29
2.54
0.090
0.100
A2
1.91
2.16
0.075
0.085
b
1.14
1.40
0.045
0.055
b2
1.91
2.20
0.075
0.087
b4
2.92
3.24
0.115
0.128
c
0.61
0.83
0.024
0.033
D
20.80
21.34
0.819
0.840
D1
15.75
16.26
0.620
0.640
D2
1.65
2.15
0.065
0.085
D3
20.30
20.70
0.799
0.815
E
15.75
16.13
0.620
0.635
E1
13.21
13.72
0.520
0.540
e
5.45 BSC
0.215 BSC
L
19.81
20.60
0.780
0.811
L1
3.81
4.38
0.150
0.172
Q
5.59
6.20
0.220
0.244
R
4.25
5.50
0.167
0.217
W
-
0.10
-
0.004
Dim.
Millimeter
Inches
E
1
2
3
3x b
2x b2
b4
W
A
A2
c
A1
2x e
E1
2
1
3
Outlines
ISOPLUS247
IXYS reserves the right to change limits, conditions and dimensions.
20150827d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com