Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRA3A Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # CRA3A
Description  Reduction in mounting process & costs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CRA3A Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  CRA3A Datasheet HTML 1Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 2Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 3Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 4Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 5Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 6Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 7Page - Kyocera Kinseki Corpotation CRA3A Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Chip Resistor Arrays
(CRB6A8E Series)
Features
• Equal length conductors can be traced out
from 0.8mm pitch termination.
Also, good matching at low impedance.
Dimensions
How to Order
CRB6A 8E 390 G U
qSeries CRB6A
wNumber of elements
8E = 8 elements
eResistance value
3 digits numbering
rTolerance
tPackaging
qw
e
rt
Rating
(Unit : mm)
Chip Resistor Arrays
Item
Rating
Rated power(70
°C)
1/16W/element
Max working voltage*
50V
Max over-load voltage
100V
Resistance value
10
Ω to 1MΩ
Torerance
G:
±2%
Working temperature
−55 to +125°C
Number of elements
8E:8elements
G
±2%
U
Taping plastic 4,000pcs/reel
• 8 element chip Resistor Array
CRB6A8E series (
Termination)
∗ Rated Voltage : Rated power × Resistance value,
whichever is less.
∗ Standard Resistance Value: E-6 Series
∗ Please contact sales engineer for any other requirements of
the nominal resistance value and the tolerance.
Code
L
W
T
P
c
Dimensions
6.4
±0.2
1.6
±0.2
0.6
±0.1
0.8typ
0.3
±0.2
Code
d
e(Top side) e(Bottom side)
Dimensions
0.4
±0.15
0.5
±0.1
0.4
±0.15
P
R1
R2
R3
R1
=R2=R3=R4=R5=R6=R7=R8
R4
R5
R6
R7
T
L
e
R8
R8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com