Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2DM-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2DM-NZ
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DM-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2DM-NZ Datasheet HTML 1Page - AIMTEC AM2DM-NZ Datasheet HTML 2Page - AIMTEC AM2DM-NZ Datasheet HTML 3Page - AIMTEC AM2DM-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM2DM-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (926 6832)
F 051e R7
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec
4200
VAC
6000
VDC
Resistance
> 1000
MOhm
Capacitance
5
pF
Leakage current
250VAC, 50/60Hz
2
µA
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance graph
Short Circuit protection
Momentary (3 sec.)
Line voltage regulation
For 1.0% of Vin
±1.2
% of Vout
Load voltage regulation
10~100% load, 5V
10~100% load, Others
20
15
%
Temperature coefficient
Full load
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
100
150
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Max Case temperature
100
oC
Operating temperature
With no derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
95
%
Case material
Black flame-retardant and heat-resistant plastic (UL94V-0)
Weight
4.2
g
Dimensions (L x W x H)
0.77 x 0.39 x 0.49 inch
19.50 x 9.80 x 12.5 mm
MTBF
>3,500,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
Safety Specifications
Parameters
Approvals
UL60601-1
Standards
EN55022 Class B (see recommended circuit)
IEC61000-4-2, Perf. Criteria B (ESD Contact +/- 8KV)
Pin Out Specifications
Pin
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
5
- V Output
- V Output
6
No pin
Common
7
+ V Output
+ V Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com