Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRBA-06A2AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRBA-06A2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06A2AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRBA-06A2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBA-06A2AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.5 Vdc/6 A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Transient Response
50% ~ 100% Max Load
-
200 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
200 mV
-
Settling Time
VO = 0.75 V -
5.5 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=12 V; and
with 10 uF/10 V tantalum
capacitor & 1 uF/10 V ceramic
capacitor at the output.
Note
: All specifications are typical at nominal input (Vin=12 V), full load at 25 °C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=0.75 V
87%
85%
82%
80%
68%
90%
88%
85%
83%
71%
-
-
-
-
-
Measured at Vin=12 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Over Temperature Shutdown
-
135
°C
-
Output Trim Range (wide trim)
0.7525 V
-
5.5 V
MTBF
3,266,517 hours
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1 x 0.5 x 0.243
25.4 x12.7 x 6.16
Weight
-
3 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Signal Low (Unit Off)
-0.3 V
-
0.4 V
Signal High (Unit On)
2.5 V
-
14 V
VRBA-06A2A0; Remote On/Off pin open, Unit
on.
Signal Low (Unit On)
-0.3 V
-
0.4 V
Signal High (Unit Off)
2.5 V
-
14 V
VRBA-06A2AL; Remote On/Off pin open, Unit
on.
Sequencing Voltage
0 V
-
Vin
Sequencing Voltage applied on SEQ pin
should be higher than output voltage.
Sequencing Slew Rate Capability
-
-
2 V/mS
Sequencing Delay Time
10 mS
-
-
Delay from Vin, min to application of voltage
on SEQ pin
Tracking Accuracy
Power-Up
Power-Down
-
-
100 mV
200 mV
200 mV
400 mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com