Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMP Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NMP Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
■ Output Configuration Guide
NMP
-
-
-
SLOT 1 SLOT 2 SLOT 3 SLOT 4 SLOT 5 SLOT 6
650/ 1K2 (650W/ 1200W)
SLOT 1 O/P: 5V@ 36A
SLOT 2 O/P: 12V@ 20A
SLOT 3 O/P: 24V@ 10A
SLOT 4 O/P: 24V@ 10A
SLOT 5 Blank slot
(with BLANK-NMS240)
SLOT 6 O/P: 48V@ 5A
Example: NMP 1K2 C
E
K
HH
#
-
File Name:NMP-SPEC 2018-04-26
650W/1200W Modular Power
NMP series
Parallel or option code (See Table 1.)
Code
01
00
02
03
04
05
06
07
08
09
10
11
12
13
14
15
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎
◎◎
◎
◎◎
◎
◎
◎
◎
◎
◎
◎
SLOT 1
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
※650W (4 SLOTS) 1200W (6 SLOTS)
、
Table 1. Parallel or option code
※Code 00, 01, 02, 03, 06, 07, 10 for NMP650
※Code 00~15 for NMP1K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com