Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA550 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA550
Description  4PST Depletion Mode Isolation Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA550 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA550 Datasheet HTML 1Page - ON Semiconductor FSA550 Datasheet HTML 2Page - ON Semiconductor FSA550 Datasheet HTML 3Page - ON Semiconductor FSA550 Datasheet HTML 4Page - ON Semiconductor FSA550 Datasheet HTML 5Page - ON Semiconductor FSA550 Datasheet HTML 6Page - ON Semiconductor FSA550 Datasheet HTML 7Page - ON Semiconductor FSA550 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA550 • Rev. 1.0.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply/Control Voltage
0
4.6
V
VIN
Input Voltage (Select Pins)
0
VCC
V
VSW(ON)
DC Switch I/O Voltage (Switch Conducting)
VCC=0 V
-4
+4
V
VSW(OFF)
(1)
DC Switch I/O Voltage (Switch Isolated)
VCC=Powered
-0.5
3.0
V
IIK
DC Input Diode Current
-50
mA
ISW
Switch I/O Current
VCC=0 V (Switch Conducting)
350
mA
ISWPEAK
Peak Switch Current
Pulsed at 1 ms Duration,
<10% Duty Cycle
500
mA
ESD
Human Body Model, ANSI/ESDA/JEDEC
JS-001-2012
All Pins
5.0
kV
Charged Device Model, JEDEC: JESD22-C101
1.5
IEC 61000-4-2 System
Contact
8.0
Air Gap
15.0
TA
Absolute Maximum Operating Temperature
-40
+85
°C
TSTG
Storage Temperature
-65
+150
°C
Note:
1.
When a switch is isolated (OFF), VSW value must be < VCC.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC(ON)
Supply Voltage with Switch Conducting
0
0.2
V
VCC (OFF)
Supply Voltage with Switch Isolated
1.6
3.0
V
VSW(ON)
DC Switch I/O Voltage (Switch Conducting)
VCC = 0 V
-2
2
V
VSW(OFF)
DC Switch I/O Voltage (Switch Isolated)
VCC = 1.6 V to 3.0 V
0
1.4
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com