Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8733 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8733
Description  PCI Express Gen 3 Switch, 32 Lanes, 18 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8733 Datasheet(HTML) 1 Page - PLX Technology

  PEX8733 Datasheet HTML 1Page - PLX Technology PEX8733 Datasheet HTML 2Page - PLX Technology PEX8733 Datasheet HTML 3Page - PLX Technology PEX8733 Datasheet HTML 4Page - PLX Technology PEX8733 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX8733, PCI Express Gen 3 Switch, 32 Lanes, 18 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
22Aug11, version 1.0
Highlights
PEX8733 General Features
o 32-lane, 18-port PCIe Gen 3 switch
- Integrated 8.0 GT/s SerDes
o 27 x 27mm2, 676-pin FCBGA package
o Typical Power: 6.4 Watts
PEX8733 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Vista Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
performancePAK
 Read Pacing (bandwidth throttling)
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Packet Cut-Thru with 132ns max packet
latency (x8 to x8)
- 2KB Max Payload Size
o Integrated DMA Engine
- Four DMA Channels
- Internal Descriptor Support
- DMA function independent from
transparent switch function
- 64-bit Addressing
- Pre-fetch Descriptor Mode
- Stride Mode
o Multi-Host & Fail-Over Support
- 2 Configurable Non-Transparent ports
- Failover with Non-Transparent port
- Up to 4 upstream/Host ports with 1+1 or
N+1 failover to other upstream ports
o Quality of Service (QoS)
- Two Virtual Channels
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 3 Hot-Plug Ports with native HP Signals
- All ports hot-plug capable thru I2C
- SSC Isolation on up to 8 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane™ PEX8733 device offers Multi-Host PCI Express switching
capability enabling users to connect multiple hosts to their respective
endpoints via scalable, high bandwidth, non-blocking interconnection to a
wide variety of applications including servers, storage, communications, and
graphics platforms. The PEX8733 is well suited for fan-out, aggregation,
and peer-to-peer traffic patterns.
Multi-Host Architecture
The PEX8733 employs an enhanced version of PLX’s field tested PEX8732
PCIe switch architecture, which allows users to configure the device in legacy
single-host mode or multi-host mode with up to four host ports capable of 1+1
(one active & one backup) or N+1 (N active & one backup) host failover. This
powerful architectural enhancement enables users to build PCIe based systems
to support high-availability, failover, redundant, or clustered systems.
High Performance & Low Packet Latency
The PEX8733 architecture supports packet cut-thru with a maximum
latency of 132ns (x8 to x8). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Integrated DMA Engine
The PEX8733 boasts a versatile and powerful built-in DMA engine. The
DMA engine removes the burden of having to move data between devices
away from the processor – allowing the processor to perform computational
tasks instead. The four DMA channels can support high data rate transfers
between I/O devices connected to any of the switch’s ports. Additionally, the
DMA engine in the PEX8733 can be used to complement the DMA engine in
the processor by providing additional DMA channels for higher performance.
Data Integrity
The PEX8733 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The
PEX8733’s
18
ports
can
be
configured to lane widths of x1, x2, x4,
x8, or x16. Flexible buffer allocation,
along with the device's flexible packet
flow control, maximizes throughput for
applications where more traffic flows in
the downstream, rather than upstream,
direction. Any port can be designated as
the upstream port, which can be changed
dynamically. Figure 1 shows some of the
PEX8733’s common port configurations
in legacy Single-Host mode.


Similar Part No. - PEX8733

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8733 AVAGO-PEX8733 Datasheet
659Kb / 5P
PCI Express Gen 3 Switch
More results

Similar Description - PEX8733

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8649 PLX-PEX8649 Datasheet
415Kb / 5P
PCI Express Gen 2 Switch, 48 Lanes, 12 Ports
PEX8664 PLX-PEX8664 Datasheet
387Kb / 5P
PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
PEX8680 PLX-PEX8680 Datasheet
356Kb / 5P
PCI Express Gen 2 Switch, 80 Lanes, 20 Ports
PEX8696 PLX-PEX8696 Datasheet
314Kb / 5P
PCI Express Gen 2 Switch, 96 Lanes, 24 Ports
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch, 32 Lanes, 8 Ports
PEX8747 PLX-PEX8747 Datasheet
599Kb / 4P
PCI Express Gen 3 Switch, 48 Lanes, 5 Ports
PEX8748 PLX-PEX8748 Datasheet
393Kb / 5P
PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
PEX8749 PLX-PEX8749 Datasheet
807Kb / 5P
PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
PEX8764 PLX-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch, 64 Lanes, 16 Ports
PEX8796 PLX-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch, 96 Lanes, 24 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com