Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8734 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8734
Description  PCI Express Gen3 Switch, 32 Lanes, 8 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8734 Datasheet(HTML) 4 Page - PLX Technology

  PEX8734 Datasheet HTML 1Page - PLX Technology PEX8734 Datasheet HTML 2Page - PLX Technology PEX8734 Datasheet HTML 3Page - PLX Technology PEX8734 Datasheet HTML 4Page - PLX Technology PEX8734 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX8734, PCI Express Gen3 Switch, 32 Lanes, 8 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
10Sep12; v1.0
Multi-Host Systems
In multi-host mode, the PEX8734 can support up to
three hosts at once. By creating three virtual switches,
the PEX8734 allows three hosts to fan-out to their
respective endpoints. This reduces the number of
switches required for fan-out, saving precious board
space and power. In Figure 7, the PEX8734 is being
shared by three different CPU cores (hosts) on three
servers, with each CPU core running its own
applications (I/Os). The PEX8734 assigns the endpoints
to the appropriate host and isolates them from the other
hosts. In Figure 7, the endpoints are assigned to the CPU
core of the same color.
Figure 7. Multi-Host System
Host Failover
The PEX8734 can also be utilized in applications where
host failover is required. In the below application
(Figure 8), two hosts may be active simultaneously and
controlling their own domains while exchange status
information through doorbell registers or I
2C interface.
The devices can be programmed to trigger fail-over if
the heartbeat information is not provided. In the event of
a failure, the surviving device will reset the endpoints
connected to the failing CPU and enumerate them in its
own domain without impacting the operation of
endpoints already in its domain.
Figure 8. Host Fail-Over



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com