Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8749 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8749
Description  PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8749 Datasheet(HTML) 2 Page - PLX Technology

  PEX8749 Datasheet HTML 1Page - PLX Technology PEX8749 Datasheet HTML 2Page - PLX Technology PEX8749 Datasheet HTML 3Page - PLX Technology PEX8749 Datasheet HTML 4Page - PLX Technology PEX8749 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEX8749, PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
© PLX Technology, www.plxtech.com
Page 2 of 5
22Aug11, version 1.0
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8749
PEX 8749
NT
CPU
CPU
Secondary Host
Secondary Host
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
The PEX8749 can also be configured in Multi-Host mode
where users can choose up to six ports as host/upstream
ports and assign a desired number of downstream ports to
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
switch is completely isolated from the traffic in other
virtual switches. Figure 2 illustrates some configurations
of the PEX8749 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.
The PEX8749
also provides
several ways to
configure its
registers. The
device can be
configured
through
strapping pins,
I
2C interface,
host software, or
an optional
serial EEPROM.
This allows for
easy debug
during the
development phase, performance monitoring during the
operation phase, and driver or software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX8749 supports 2 Non-
Transparent (NT) Ports,
which enables the
implementation of
dual-host systems for
redundancy and host
failover capability. The
NT port allows systems
to isolate host memory
domains by presenting
the processor
subsystem
as an endpoint rather
than another memory
system. Base address registers are used to translate
addresses; doorbell registers are used to send interrupts
between the address domains; and scratchpad registers
(accessible by both CPUs) allow inter-processor
communication (see Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX8749 can be configured with up
to six upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1+1
redundancy or N+1 redundancy. The PEX8749 allows the
hosts to communicate their status to each other via special
door-bell registers. In failover mode, if a host fails, the
host designated for failover will disable the upstream port
attached to the failing host and program the downstream
ports of that host to its own domain. Figure 4a shows a two
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
Hot-Plug for High Availability
Hot-plug capability allows users to replace hardware
modules and perform maintenance without powering down
the system. The PEX8749 hot plug capability feature
makes it suitable for High Availability (HA)
applications. Three downstream ports include a Standard
Hot Plug Controller. If the PEX8749 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot-Plug
Controller can be used to manage the hot-plug event of its
associated slot. Every port on the PEX8749 is equipped
with a hot-plug control/status register to support hot-plug
capability through external logic via the I
2C interface.
SerDes Power and Signal Management
The PEX8749 provides low power capability that is fully
compliant with the PCIe power management specification
and supports software control of the SerDes outputs to
allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop-back
modes and advanced reporting of error conditions,
which enables efficient management of the entire system.
Interoperability
The PEX8749 is designed to be fully compliant with the
PCI Express Base Specification r3.0, and is backwards
compatible to PCI Express Base Specification r2.0, r1.1,
Figure 2. Multi-Host Port Configurations
PEX 8749
PEX 8749
PEX 8749
PEX 8749
x8
3 x8
x8
PEX 8749
PEX 8749
PEX 8749
PEX 8749
x8
2 x4
2 x8
x4
x4
2 x4
PEX 8749
PEX 8749
PEX 8749
PEX 8749
8 x4s
4 x4s
PEX 8749
PEX 8749
PEX 8749
PEX 8749
9 x2s
3 x2s
2 x4
2 x4s
4 x4s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com