Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF4N65B Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF4N65B
Description  N-Channel MOSFET 650V, 4.0A, 2.2ohm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF4N65B Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF4N65B Datasheet HTML 1Page - MagnaChip Semiconductor. MDF4N65B Datasheet HTML 2Page - MagnaChip Semiconductor. MDF4N65B Datasheet HTML 3Page - MagnaChip Semiconductor. MDF4N65B Datasheet HTML 4Page - MagnaChip Semiconductor. MDF4N65B Datasheet HTML 5Page - MagnaChip Semiconductor. MDF4N65B Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jul. 2012 Version 1.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
4.0*
A
TC=100
oC
2.6*
A
Pulsed Drain Current
(1)
IDM
16*
A
Power Dissipation
TC=25
oC
PD
35
W
Derate above 25
oC
0.28
W/
oC
Repetitive Avalanche Energy
(1)
EAR
3.5
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
170
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.55
MDF4N65B
N-Channel MOSFET 650V, 4.0A, 2.2
General Description
These N-channel MOSFET are produced using advanced
MagnaChip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 650V
ID = 4.0A
@ VGS = 10V
RDS(ON) ≤ 2.2
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series


Similar Part No. - MDF4N65B

ManufacturerPart #DatasheetDescription
logo
RFE international
MDF RFE-MDF Datasheet
1Mb / 2P
Metalized Polyester Film Capacitors MDF: General Purpose, Lead Space 7.5mm~42.5mm
13-OCT-2023
logo
M-System Co.,Ltd.
MDF-SP/Q MSYSTEM-MDF-SP/Q Datasheet
123Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MIC GROUP RECTIFIERS
MDF005 MIC-MDF005 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
MDF01 MIC-MDF01 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
MDF02 MIC-MDF02 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
More results

Similar Description - MDF4N65B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
4.0A 650V N-CHANNEL POWER MOSFET
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
4.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDIS4N65B MGCHIP-MDIS4N65B Datasheet
920Kb / 6P
N-Channel MOSFET 650V, 3.65A, 2.2ohm
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
4.0A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
4.0A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com