Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF9N50F Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDF9N50F
Description  N-Channel MOSFET 500V, 8.0 A, 0.97ohm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF9N50F Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDF9N50F Datasheet HTML 1Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 2Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 3Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 4Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 5Page - MagnaChip Semiconductor. MDF9N50F Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jun 2018. Version 1.1
MagnaChip Semiconductor Ltd.
3
0.2
0.4
0.6
0.8
1.0
1.2
1
10
25℃
150℃
※ Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
V
SD, Source-Drain Voltage [V]
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
4
5
6
7
8
9
1
10
25℃
* Notes ;
1. V
DS=30V
150℃
-55℃
V
GS [V]
0
4
8
12
0
4
8
12
Notes
1. 250㎲ Pulse Test
2. T
C=25
℃
V
gs=4.0V
=4.5V
=5.0V
=5.5V
=6.0V
=6.5V
=7.0V
=7.5V
=8.0V
=10.0V
=20.0V
V
DS,Drain-Source Voltage [V]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D
= 4.0A
T
J, Junction Temperature [
oC]
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]
2
4
6
8
10
12
14
16
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
V
GS=10.0V
V
GS=20V
I
D,Drain Current [A]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com