Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF5N50F Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF5N50F
Description  N-Channel MOSFET 500V, 4.5 A, 1.58ohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF5N50F Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF5N50F Datasheet HTML 1Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 2Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 3Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 4Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 5Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 6Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 7Page - MagnaChip Semiconductor. MDF5N50F Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jun. 2018 Version 1.3
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP5N50F
MDF5N50F
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
4.5
4.5*
A
TC=100
oC
2.8
2.8*
A
Pulsed Drain Current
(1)
IDM
18
18*
A
Power Dissipation
TC=25
oC
PD
93
27
W
W/
oC
Derate above 25
oC
0.74
0.22
Repetitive Avalanche Energy
(1)
EAR
93
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
230
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP5N50F
MDF5N50F
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
1.35
4.6
MDP5N50F / MDF5N50F
N-Channel MOSFET 500V, 4.5 A, 1.58Ω
General Description
The MDP5N50F/MDF5N50F use advanced Magnachip
’s
MOSFET Technology, which provides low on-state resistance,
high switching performance and excellent quality.
MDP5N50F/MDF5N50F are suitable device for SMPS, HID
and general purpose applications.
Features
 VDS = 500V
 ID = 4.5A
@VGS = 10V
 RDS(ON) ≤ 1.58Ω
@VGS = 10V
Applications
 Power Supply
 PFC
 Ballast
D
G
S
TO-220F
MDF Series
TO-220
MDP Series


Similar Part No. - MDF5N50F

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDF5N50BTH MGCHIP-MDF5N50BTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
logo
Inchange Semiconductor ...
MDF5N50BTH ISC-MDF5N50BTH Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDF5N50TH MGCHIP-MDF5N50TH Datasheet
1,012Kb / 6P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
logo
Inchange Semiconductor ...
MDF5N50TH ISC-MDF5N50TH Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF5N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
FQL40N50 FAIRCHILD-FQL40N50 Datasheet
623Kb / 8P
500V N-Channel MOSFET
FQL40N50F FAIRCHILD-FQL40N50F Datasheet
635Kb / 8P
500V N-Channel MOSFET
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
MagnaChip Semiconductor...
MDD5N50F MGCHIP-MDD5N50F Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 4.2 A, 1.58ohm
MDF9N50F MGCHIP-MDF9N50F Datasheet
945Kb / 6P
N-Channel MOSFET 500V, 8.0 A, 0.97ohm
MDP9N50F MGCHIP-MDP9N50F Datasheet
950Kb / 6P
N-Channel MOSFET 500V, 8.0 A, 0.97ohm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com