Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF6N60TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF6N60TH
Description  N-Channel MOSFET 600V, 6A, 1.4ohm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF6N60TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF6N60TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 8Page - MagnaChip Semiconductor. MDF6N60TH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feb. 2009 Version 1.3
MagnaChip Semiconductor Ltd
.
1
`
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP6N60
MDF6N60
Unit
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
6.0
6.0*
A
Continuous Drain Current
TC=100
oC
ID
3.8
3.8*
A
Pulsed Drain Current
(1)
IDM
24
24*
A
TC=25
oC
131
37.9
Power Dissipation
Derate above 25
oC
PD
1.05
0.3
W
W/
oC
Repetitive Avalanche Energy
(1)
EAR
13.1
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
220
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP6N60
MDF6N60
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
0.95
3.3
oC/W
MDP6N60/MDF6N60
N-Channel MOSFET 600V, 6A, 1.4Ω
General Description
These N-channel MOSFET are produced using advanced
MagnaChip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 600V
ID = 6.0A
@ VGS = 10V
RDS(ON) ≤ 1.4
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series
TO-220
MDP Series


Similar Part No. - MDF6N60TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF6N65B MGCHIP-MDF6N65B Datasheet
789Kb / 6P
N-Channel MOSFET 650V, 6.0A, 1.45ohm
More results

Similar Description - MDF6N60TH

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
6A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD3N60C3S FAIRCHILD-HGTD3N60C3S Datasheet
265Kb / 7P
6A, 600V, UFS Series N-Channel IGBTs
logo
STMicroelectronics
STGD3NB60HD STMICROELECTRONICS-STGD3NB60HD Datasheet
504Kb / 10P
N-CHANNEL 6A - 600V - DPAK PowerMESH TM IGBT
Sep-2003
logo
Rohm
R6006ANX ROHM-R6006ANX_12 Datasheet
1Mb / 14P
Nch 600V 6A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
600V, 6A, 0.75 N-Channel Power MOSFET
logo
Rohm
R6006JNX ROHM-R6006JNX Datasheet
2Mb / 14P
Nch 600V 6A Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
6N60A YFWDIODE-6N60A Datasheet
1Mb / 7P
6A 600V N-channel enhanced field effect transistor
logo
Renesas Technology Corp
N6006NZ RENESAS-N6006NZ Datasheet
260Kb / 8P
N-channel MOSFET 600V, 6A, 1.2Ω
Feb 18, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com