Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4CS102B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA4CS102B
Description  Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MA4CS102B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA4CS102B Datasheet HTML 1Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 2Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 3Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 4Page - List of Unclassifed Manufacturers MA4CS102B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
V3.00
Surface Mount Schottky Diodes
MA4CS101, 102, 103 Series
Absolute Maximum Ratings at 25°C
Parameter
Absolute Maximum
Reverse Voltage
Breakdown Voltage Rating
Forward Current:
MA4CS101
15 mA
MA4CS102
30 mA
MA4CS103
100 mA
Surge Forward Current, t
≤ 10 ms
MA4CS101, 102
100 mA
MA4CS103
500 mA
Total Power Dissipation2
250 mW
Operating Temperature
- 55°C to + 150°C
Storage Temperature
- 55°C to + 150°C
Note:
1. Model numbers A-D available in SOT-23 (low profile) only. Model number E available in SOT-143 (low profile) only.
Electrical Specifications at 25°C
Minimum
Maximum
Model
1
Reverse
Reverse
Maximum
Maximum
Typical Dynamic
Number
Configuration
Marking
Voltage V
R
Current
Forward Voltage
Capacitance
Resistance
IR = 10 aA
V
R = 0 V f = 1 MHz
MA4CS101A
Single
73
70 V
200 nA
410 mV @ I
F = 1 mA
2.0 pF
35
Ω @ I
F = 5 mA
MA4CS101B
Series Pair
74
@ V
R = 50 V
1 V @ I
F = 15 mA
MA4CS101E
Unconnected Pair
77
MA4CS102A
Single
83
8 V
100 nA
360 mV @ I
F = 1 mA
1.0 pF
8
Ω @ I
F = 5 mA
MA4CS102B
Series Pair
84
@ V
R = 1 V
500 mV @ I
F = 10 mA
MA4CS102C
Common Cathode
85
MA4CS102E
Unconnected Pair
87
MA4CS103A
Single
13
20 V
200 nA
410 mV @ I
F = 1 mA
1.2 pF
15
Ω @ I
F = 5 mA
@ V
R = 15 V
1 V @ I
F = 35 mA
Typical Performance Curves
FORWARD CURRENT vs FORWARD
VOLTAGE (MA4CS102)
FORWARD CURRENT vs FORWARD
VOLTAGE (MA4CS101)
FORWARD CURRENT vs FORWARD
VOLTAGE (MA4CS103)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com