Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15445 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15445
Description  ~100째 wide beam. PC variant.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15445 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15445 Datasheet HTML 1Page - Ledil, Inc. CS15445 Datasheet HTML 2Page - Ledil, Inc. CS15445 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
CS15445_HB-IP-2X6-WWW-PC
HB-IP-2X6-WWW-PC
~100° wide beam. PC variant.
TECHNICAL SPECIFICATIONS:
Dimensions
71.4 x 173.0 mm
Height
11.4 mm
Fastening
screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
8.5 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-IP-2X6-WWW-PC
Lens
PC
clear
2X6-SEAL25
Seal
Silicone
white
Last update: 17/08/2018
Subject to change without prior notice
Published: 17/08/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - CS15445

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS15418 CREE-CS15418 Datasheet
2Mb / 33P
Strada series
logo
Ledil, Inc.
CS15418 LEDIL-CS15418 Datasheet
2Mb / 45P
Strada Assembly
More results

Similar Description - CS15445

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16330 LEDIL-CS16330 Datasheet
6Mb / 6P
~90째 wide beam. Variant made from PC.
C14406 LEDIL-C14406 Datasheet
1Mb / 4P
~50째 wide beam. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
~90째 wide beam for industrial applications. Variant made from PC.
F16747 LEDIL-F16747 Datasheet
6Mb / 6P
~110째 100째 wide beam
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
CS16460 LEDIL-CS16460 Datasheet
5Mb / 7P
~60째 wide beam. PC variant.
CS17147 LEDIL-CS17147 Datasheet
4Mb / 5P
~90째 wide beam. Variant made from PC.
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
C17270 LEDIL-C17270 Datasheet
2Mb / 4P
~90째 beam. Variant from PC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com