Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16575 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16575
Description  Asymmetric IESNA Type I (short) beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16575 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16575 Datasheet HTML 1Page - Ledil, Inc. CS16575 Datasheet HTML 2Page - Ledil, Inc. CS16575 Datasheet HTML 3Page - Ledil, Inc. CS16575 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CS16575_STRADELLA-IP-28-T1-A
STRADELLA-IP-28-T1-A
Asymmetric IESNA Type I (short) beam. Results
a Type II beam with tilted poles. Targeted for
Indian market. Variant made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
mm
Height
0 mm
Fastening
Colour
Box size
476 x 273 x 247 mm
Box weight
5.8 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-IP-28-T1-A
Lens
PMMA
STRADELLA-28-SEAL
Seal
Silicone
white
Last update: 09/07/2018
Subject to change without prior notice
Published: 05/07/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CS16575

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16577 LEDIL-CS16577 Datasheet
6Mb / 5P
IESNA Type V (square) beam for wide areas lighting such as car parks
CS16578 LEDIL-CS16578 Datasheet
5Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
CS16579 LEDIL-CS16579 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
More results

Similar Description - CS16575

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16373 LEDIL-C16373 Datasheet
1Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles. Suitable for Indian EESL specification
C16005 LEDIL-C16005 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16051 LEDIL-C16051 Datasheet
4Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16220 LEDIL-C16220 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
C13471 LEDIL-C13471 Datasheet
1Mb / 4P
Symmetric IESNA Type I (medium) beam
CS16579 LEDIL-CS16579 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
C16395 LEDIL-C16395 Datasheet
2Mb / 3P
Symmetric IESNA Type I (medium) beam
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com