Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8974
Description  Mono CODEC with Speaker Driver
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8974 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8974 Datasheet HTML 1Page - Cirrus Logic WM8974 Datasheet HTML 2Page - Cirrus Logic WM8974 Datasheet HTML 3Page - Cirrus Logic WM8974 Datasheet HTML 4Page - Cirrus Logic WM8974 Datasheet HTML 5Page - Cirrus Logic WM8974 Datasheet HTML 6Page - Cirrus Logic WM8974 Datasheet HTML 7Page - Cirrus Logic WM8974 Datasheet HTML 8Page - Cirrus Logic WM8974 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
WM8974
4
Rev 4.7
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
MICBIAS
Analogue Output
Microphone bias
2
AVDD
Supply
Analogue supply (feeds ADC and DAC)
3
AGND
Supply
Analogue ground (feeds ADC and DAC)
4
DCVDD
Supply
Digital core supply
5
DBVDD
Supply
Digital buffer (input/output) supply
6
DGND
Supply
Digital ground
7
ADCDAT
Digital Output
ADC digital audio data output
8
DACDAT
Digital Input
DAC digital audio data input
9
FRAME
Digital Input / Output
DAC and ADC sample rate clock or frame synch
10
BCLK
Digital Input / Output
Digital audio port clock
11
MCLK
Digital Input
Master clock input
12
CSB/GPIO
Digital Input / Output
3-Wire MPU chip select or general purpose input/output pin.
13
SCLK
Digital Input
3-Wire MPU clock Input / 2-Wire MPU Clock Input
14
SDIN
Digital Input / Output
3-Wire MPU data Input / 2-Wire MPU Data Input
15
MODE
Digital Input
Control interface mode selection pin.
16
MONOOUT
Analogue Output
Mono output
17
SPKOUTP
Analogue Output
Speaker output positive
18
SPKGND
Supply
Speaker ground (feeds speaker and mono output amps only)
19
SPKOUTN
Analogue Output
Speaker output Negative
20
SPKVDD
Supply
Speaker supply (feeds speaker and mono output amps only)
21
AUX
Analogue Input
Auxiliary analogue input
22
VMID
Reference
Decoupling for midrail reference voltage
23
MICN
Analogue Input
Microphone negative input
24
MICP
Analogue Input
Microphone positive input (common mode)
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com