Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC564 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC564
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC564 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC564 Datasheet HTML 1Page - Motorola, Inc MPC564 Datasheet HTML 2Page - Motorola, Inc MPC564 Datasheet HTML 3Page - Motorola, Inc MPC564 Datasheet HTML 4Page - Motorola, Inc MPC564 Datasheet HTML 5Page - Motorola, Inc MPC564 Datasheet HTML 6Page - Motorola, Inc MPC564 Datasheet HTML 7Page - Motorola, Inc MPC564 Datasheet HTML 8Page - Motorola, Inc MPC564 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
5
MPC561/MPC562 / MPC563/MPC564 Optional Features
The following are optional features of the MPC561/MPC562 / MPC563/MPC564:
• 56-MHz operation (40 MHz is default)
• Code compression supported on the MPC562 and the MPC564
— Compression reduces instruction memory requirements by 40-50%
— Compression optimized for automotive (non-cached) applications
• 512 Kbytes flash (available on the MPC563/MPC564 only)
— Single array
— Page mode read
— Block (64 Kbytes) erasable
— External 4.75- to 5.25-V VFLASH program, erase, and read power supply
Figure 1 MPC561/MPC562 / MPC563/MPC564 Block Diagram
E-BUS
MPC5xx
Core
L-BUS
U-BUS
IMB3
+
FP
USIU
Buffer
Burst
Int.
L2U
I/F
UIMB
QSMCM
MIOS14
DPTRAM
8-Kbyte
READI
QADC64
JTAG
TPU3
QADC64
TPU3
32-Kbyte CALRAM
28-Kbyte
(No Overlay)
4-Kbyte Overlay
Tou
CAN
Tou
CAN
PPM
SRAM
Tou
CAN
Controller
512 Kbytes
Flash
(on MPC563/
MPC564 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com