Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6512G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR6512G-SH2-R
Description  2A DDR BUS TERMINATION REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6512G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR6512G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR6512G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR6512G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR6512G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR6512G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR6512G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UR6512
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 6
www.unisonic.com.tw
QW-R101-030.C
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Control Voltage
VCNTL
6
V
VIN Supply Voltage
VIN
6
V
Power Dissipation (TA=25°C)
PD
1.176
W
Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
θJA
86
°C/W
Junction to Case
θJC
15
°C/W
RECOM M EN DED OPERAT I N G CON DI T I ON S (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Control Voltage
VCNTL
(3.3 or 5) ± 5%
V
VIN Supply Voltage
VIN
(1.5 ~ 2.5) ± 3%
V
VREF Input Voltage
VREF
(0.75 ~ 1.25) ± 3%
V
Junction Temperature
TJ
-40~+125
°C
Notes: 1. All voltage values are with respect to the network ground terminal unless otherwise noted.
2. The VOUT tracks the VREF with additional voltage offset and load regulation.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, unless otherwise specified)
(VIN=1.8V, VCNTL=5V, VREF=0.9V, COUT = 10µF (Ceramic))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
Operation Current of VCNTL
ICNTL
IOUT =0A
1
2.5
mA
Standby Current
ISTB
VREF<0.2V, RLOAD=180
Ω
2
90
μA
OUTPUT VOLTAGE (DDR/DDR II/DDR III)
Output Voltage Offset (VREF-VOUT)
VOS
IOUT =0A
-20
20
mV
Load Regulation
∆VLOAD
DDR1/DDR2: IOUT =±1.8A
-20
20
mV
DDR3: IOUT =±1.5A
-20
20
mV
PROTECTION
Current Limit
ILIMIT
VIN=2.5V/1.8V
2
A
VIN=1.5V
1.5
A
Thermal Shutdown Temperature
TSD
VCNTL=5V
125
170
°C
Thermal Shutdown Hysteresis
∆TSD
VCNTL=5V
35
°C
VREF Shutdown
Shutdown Threshold
VIH
Enable
0.6
V
VIL
Shutdown
0.15
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com