Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6517L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR6517L-SH2-R
Description  1.8A DDR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6517L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR6517L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR6517L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UR6517
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R131-001.B
ABSOLU T E M AX I M U M RAT I N G (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Control Voltage
VCNTL
-0.3 ~ +6
V
VIN Supply Voltage
VIN
-0.3 ~ +6
V
Power Dissipation (TA=25°C)
PD
1.163
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Junction to Ambient (Note)
θJA
86
°C/W
Maximum Junction to Case
θJC
15
°C/W
Note:
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.
RECOM M EN DED OPERAT I N G CON DI T I ON S (N ot e )
PARAMETER
SYMBOL
RATINGS
UNIT
VCNTL Control Voltage
VCNTL
5± 5%
V
VIN Supply Voltage
VIN
1.0 ~ 5.5
V
Junction Temperature
TJ
-40 ~ +125
°C
Ambient Temperature
TA
-40 ~ +85
°C
Note: All voltage values are with respect to the network ground terminal unless otherwise noted.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, unless otherwise specified)
(VIN=1.8V/1.5V, VCNTL=5V, VREF=0.9V/0.75V, COUT = 10µF (Ceramic))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
Operation Current of VCNTL
ICNTL
IOUT =0A
0.7
2.5
mA
VCNTL Power On Reset
VPOR
VCNTL Rising
3.6
V
Standby Current
ISTB
VREF<0.2V, RLOAD=180
Ω
20
90
μA
OUTPUT VOLTAGE (DDR/DDR II/DDR III)
Output Voltage Offset (VREF-VOUT)
VOS
IOUT =0A
-20
20
mV
VIN=1.8V,IOUT =±1.8A
VIN=1.5V,IOUT =±1.5A
VIN=1.35V,IOUT =±1.2A
Load Regulation
∆VLOAD
VIN=1.2V,IOUT =±1.2A
-20
20
mV
PROTECTION
Current Limit
ILIMIT
VIN=1.8V/1.5V
2.5
A
Short Circuit Current
ISHORT
VIN=1.8V/1.5V/1.35V/1.2V
VOUT <0.2V
1.5
A
Thermal Shutdown Temperature
TSD
VCNTL=3.3V~5V
125
170
°C
Thermal Shutdown Hysteresis
∆TSD
VCNTL=3.3V~5V
35
°C
VREF Shutdown
VIH
Enable
0.4
V
Shutdown Threshold
VIL
Shutdown
0.15
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com