Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5517G-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5517G-SM2-R
Description  3A DDR BUS TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5517G-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5517G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 8Page - Unisonic Technologies UR5517G-SM2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UR5517
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 9
www.unisonic.com.tw
QW-R102-041.H
PI N DESCRI PT I ON (N ot e )
PIN No.
MSOP-8
HMSOP-8
MSOP-10
HMSOP-10
PIN NAME
PIN DESCRIPTION
1
1
1
VDDQSNS
VDDQ sense input
2
2
2
VLDOIN
Power supply for the VTT & VTTREF output stage
3
VTT
Output voltage for connection to termination resistors,
equal to VDDQSNS/2
3
3
5
VTTSNS
Voltage sense input for the VTT. Connect to plus terminal
of the output capacitor
4
4
PGND
Power ground output for the VTT output
4
9
8
GND
Ground
5
5
6
VTTREF
Buffered output that is a reference output, equal to
VDDQSNS/2
6
6
7
S3
Active low suspend to RAM mode control pin, VTT is
turned off and left Hi-Z
7
7
9
S5
Active low shutdown control pin, both VTT & VTTREF are turned
off and discharged to ground
8
8
10
VIN
Analog input pin
Note:Recommend connecting the Thermal Pad to the GND for the excellent power dissipation.
BLOCK DI AGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com