Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5517G-HM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR5517G-HM2-R
Description  3A DDR BUS TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5517G-HM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR5517G-HM2-R Datasheet HTML 1Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 2Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 3Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 4Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 5Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 6Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 7Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 8Page - Unisonic Technologies UR5517G-HM2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UR5517
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-041.H
3 A DDR BU S T ERM I N AT I ON
REGU LAT OR
DESCRI PT I ON
The UR5517 is a linear regulator which provides up to 3 Amp
bi-directional sourcing and sinking capability for DDR1/2/3 SDRAM
bus terminator applications. It only requires 20uF of ceramic output
capacitance by a integrated operational amplifier which provides fast
load transient response.
The UR5517 also includes two control pins, S3 & S5. If S3 were
set in low level, VTT will be turned off and left Hi-Z(sleep-state
mode).If setting S5 were set in low level, both VTT and VTTREF will be
turned off and discharged to ground(soft-off mode).
FEAT U RES
* Input Voltage Range:3~5.5V
* VLDOIN Voltage Range:1.2V~3.6V
* DDR1/2/3 Termination Voltage Applications
* Sourcing and Sinking Current up to 3A
* ±20mV Accuracy for VTT and VTTREF
* 10mA Buffered Reference(VTTREF)
* Supports High-Z in S3(STR) and Soft-off in S5(Shutdown)
* Integrated Divider Tracks 1/2 VDDQSNS for Both VTT&VTTREF
* Built-In Soft-Start
* Current Limiting Protection
* Thermal Shutdown Protection
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UR5517L-SM1-R
UR5517G-SM1-R
MSOP-8
Tape Reel
UR5517L-HM1-R
UR5517G-HM1-R
HMSOP-8
Tape Reel
UR5517L-SM2-R
UR5517G-SM2-R
MSOP-10
Tape Reel
UR5517L-HM2-R
UR5517G-HM2-R
HMSOP-10
Tape Reel


Similar Part No. - UR5517G-HM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5517G-SM2-R UTC-UR5517G-SM2-R Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR5517G-SM2-R UTC-UR5517G-SM2-R Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517G-SM2-T UTC-UR5517G-SM2-T Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
More results

Similar Description - UR5517G-HM2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
3A DDR Bus Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
3A DDR TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
3A DDR Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
3A DDR Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com