Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC561MZP56 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC561MZP56
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC561MZP56 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC561MZP56 Datasheet HTML 4Page - Motorola, Inc MPC561MZP56 Datasheet HTML 5Page - Motorola, Inc MPC561MZP56 Datasheet HTML 6Page - Motorola, Inc MPC561MZP56 Datasheet HTML 7Page - Motorola, Inc MPC561MZP56 Datasheet HTML 8Page - Motorola, Inc MPC561MZP56 Datasheet HTML 9Page - Motorola, Inc MPC561MZP56 Datasheet HTML 10Page - Motorola, Inc MPC561MZP56 Datasheet HTML 11Page - Motorola, Inc MPC561MZP56 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
8
Ordering Information
Table 2 lists the documents that provide a complete description of the MPC561/563 and are required
to design properly with the part. Documentation is available from a local Motorola distributor, a Motorola
semiconductor sales office, a Motorola Literature Distribution Center, or through the Motorola Semicon-
ductor documentation page on the Internet (the source for the latest information).
Table 1 MPC561/562 / MPC563/564
Device
Name
Order Part
Number1
NOTES:
1. Add R2 suffix for parts shipped in tape and reel media.
Package Info
Temperature
Range
Maximum
Frequency
Code
Compression
MPC561
MPC561MZP40
388 PBGA
-40 – 125° C
40 MHz
No
MPC561
MPC561CZP40
388 PBGA
-40 – 85° C
40 MHz
No
MPC561
MPC561MZP56
388 PBGA
-40 – 125° C
56 MHz
No
MPC561
MPC561CZP56
388 PBGA
-40 – 85° C
56 MHz
No
MPC562
MPC562MZP40
388 PBGA
-40 – 125° C
40 MHz
Yes
MPC562
MPC562CZP40
388 PBGA
-40 – 85° C
40 MHz
Yes
MPC562
MPC562MZP56
388 PBGA
-40 – 125° C
56 MHz
Yes
MPC562
MPC562CZP56
388 PBGA
-40 – 85° C
56 MHz
Yes
MPC563
MPC563MZP40
388 PBGA
-40 – 125° C
40 MHz
No
MPC563
MPC563CZP40
388 PBGA
-40 – 85° C
40 MHz
No
MPC563
MPC563MZP56
388 PBGA
-40 – 125° C
56 MHz
No
MPC563
MPC563CZP56
388 PBGA
-40 – 85° C
56 MHz
No
MPC564
MPC564MZP40
388 PBGA
-40 – 125° C
40 MHz
Yes
MPC564
MPC564CZP40
388 PBGA
-40 – 85° C
40 MHz
Yes
MPC564
MPC564MZP56
388 PBGA
-40 – 125° C
56 MHz
Yes
MPC564
MPC564CZP56
388 PBGA
-40 – 85° C
56 MHz
Yes
Table 2 Available Documentation
Document Number
Title
MPC561_3RM/AD
MPC561/MPC563 Reference Manual
AN1821/D
Exception Table Relocation and Multi-Processor
Address Mapping in the Embedded MPC5XX Family
AN2109/D
MPC555 Interrupts.
AN2127/D
EMC Guidelines for MPC500-Based Automotive Powertrain Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com