Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC563MZP40 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC563MZP40
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC563MZP40 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC563MZP40 Datasheet HTML 1Page - Motorola, Inc MPC563MZP40 Datasheet HTML 2Page - Motorola, Inc MPC563MZP40 Datasheet HTML 3Page - Motorola, Inc MPC563MZP40 Datasheet HTML 4Page - Motorola, Inc MPC563MZP40 Datasheet HTML 5Page - Motorola, Inc MPC563MZP40 Datasheet HTML 6Page - Motorola, Inc MPC563MZP40 Datasheet HTML 7Page - Motorola, Inc MPC563MZP40 Datasheet HTML 8Page - Motorola, Inc MPC563MZP40 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
4
• Alternate reference input (ALTREF), with control in the conversion command word (CCW)
Three CAN 2.0B Controller (TouCAN) Modules
• Three TouCAN modules (TOUCAN_A, TOUCAN_B, TOUCAN_C)
• Each TouCAN provides the following features:
— 16 message buffers each, programmable I/O modes
— Maskable interrupts
— Independent of the transmission medium (external transceiver is assumed)
— Open network architecture, multi-master concept
— High immunity to EMI
— Short latency time for high-priority messages
— Low-power sleep mode, with programmable wake-up on bus activity
— TOUCAN_C pins are shared with MIOS14 GPIO or QSMCM
Queued Serial Multi-Channel Module (QSMCM)
• One queued serial module with one queued SPI and two SCIs (QSMCM)
• QSMCM matches full MPC555 QSMCM functionality
• Queued SPI
— Provides full-duplex communication port for peripheral expansion or inter-processor commu-
nication
— Up to 32 preprogrammed transfers, reducing overhead
— Synchronous serial interface with baud rate of up to system clock / 4
— Four programmable peripheral-selects pins:
— Support up to 16 devices with external decoding
— Support up to eight devices with internal decoding
— Special wrap-around mode allows continuous sampling of a serial peripheral for efficient inter-
facing to serial analog-to-digital (A/D) converters
• SCI
— UART mode provides NRZ format and half- or full-duplex interface
— 16 register receive buffers and 16 register transmit buffers on one SCI
— Advanced error detection and optional parity generation and detection
— Word-length programmable as eight or nine bits
— Separate transmitter and receiver enable bits, and double buffering of data
— Wake-up functions allow the CPU to run uninterrupted until either a true idle line is detected,
or a new address byte is received
Peripheral Pin Multiplexing (PPM) PPM
• Synchronous serial interface between the microprocessor and an external device
• Four internal parallel data sources can be multiplexed through the PPM
— TPU3_A: 16 channels
— TPU3_B: 16 channels
— MIOS14: 12 PWM channels, 4 MDA channels
— Internal GPIO: 16 general-purpose inputs, 16 general-purpose outputs
• Software configurable stream size
• Software configurable clock (TCLK) based on system clock
• Software selectable clock modes (SPI mode and TDM mode)
• Software selectable operation modes
— Continuous mode
— Start-transmit-receive (STR) mode
• Software configurable internal modules interconnect (shorting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com