Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G80STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G80STR
Description  SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G80STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G80STR Datasheet HTML 1Page - STMicroelectronics 74V1G80STR Datasheet HTML 2Page - STMicroelectronics 74V1G80STR Datasheet HTML 3Page - STMicroelectronics 74V1G80STR Datasheet HTML 4Page - STMicroelectronics 74V1G80STR Datasheet HTML 5Page - STMicroelectronics 74V1G80STR Datasheet HTML 6Page - STMicroelectronics 74V1G80STR Datasheet HTML 7Page - STMicroelectronics 74V1G80STR Datasheet HTML 8Page - STMicroelectronics 74V1G80STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
fMAX = 180MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8mA (MIN) at VCC = 4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G80 is an advanced high-speed CMOS
SINGLE POSITIVE EDGE TRIGGERED D-TYPE
FLIP-FLOP
WITH
INVERTED
OUTPUT
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology. it is
designed to operate from 2V to 5.5V, making this
device ideal for portable applications.
This D-Type flip-flop is controlled by a clock input
(CK). On the positive transition of the clock, the Q
output will be set to the logic inverted state that
was setup at the D input.
Following the hold time interval, data at the D input
can be changed without affecting the level at the
output. Power down protection is provided on
input and 0 to 7V can be accepted on input with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
It’s available in the commercial temperature
range. All inputs and output are equipped with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V1G80
SINGLE POSITIVE EDGE TRIGGERED
D-TYPE FLIP-FLOP
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G80STR
SOT323-5L
74V1G80CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G80STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
112Kb / 9P
SINGLE EXCLUSIVE OR GATE
Apr-2004
74V1G86C STMICROELECTRONICS-74V1G86C Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
74V1G86CTR STMICROELECTRONICS-74V1G86CTR Datasheet
112Kb / 9P
SINGLE EXCLUSIVE OR GATE
Apr-2004
74V1G86S STMICROELECTRONICS-74V1G86S Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
More results

Similar Description - 74V1G80STR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com