Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA40IM800PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DLA40IM800PC
Description  High Efficiency Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DLA40IM800PC Datasheet(HTML) 1 Page - IXYS Corporation

  DLA40IM800PC Datasheet HTML 1Page - IXYS Corporation DLA40IM800PC Datasheet HTML 2Page - IXYS Corporation DLA40IM800PC Datasheet HTML 3Page - IXYS Corporation DLA40IM800PC Datasheet HTML 4Page - IXYS Corporation DLA40IM800PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLA40IM800PC
Single Diode
High Efficiency Standard Rectifier
2/4
1
3
Part number
DLA40IM800PC
Backside: cathode
FAV
F
VV
1.26
RRM
40
800
=
V=
V
I=
A
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very low forward voltage drop
● Improved thermal behaviour
● Diode for main rectification
● For single and three phase
bridge configurations
TO-263 (D2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
IXYS reserves the right to change limits, conditions and dimensions.
20130116a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DLA40IM800PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DLA40IM800PC ISC-DLA40IM800PC Datasheet
407Kb / 3P
High Efficiency Standard Diode
More results

Similar Description - DLA40IM800PC

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
IXYS Corporation
DLA100B800LB IXYS-DLA100B800LB Datasheet
185Kb / 5P
High Efficiency Standard Rectifier
DLA5P800UC IXYS-DLA5P800UC Datasheet
216Kb / 5P
High Efficiency Standard Rectifier
DLA20IM800PC IXYS-DLA20IM800PC Datasheet
130Kb / 5P
High Efficiency Standard Rectifier
DLA60I1200HA IXYS-DLA60I1200HA Datasheet
138Kb / 5P
High Efficiency Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com