Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA9 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA9
Description  Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA9 Datasheet(HTML) 1 Page - IXYS Corporation

  DSA9 Datasheet HTML 1Page - IXYS Corporation DSA9 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2011 IXYS All rights reserved
1 - 2
20110114a
DSA 9
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
V
R = VRRM
T
VJ =
T
VJM
3
mA
V
F
I
F = 36 A
T
VJ = 25°C
1.4
V
V
T0
r
T
For power-loss calculations only
T
VJ = TVJM
0.85
15
V
mW
R
thJC
R
thJH
DC current
180° sine
DC current
2
2.17
3.0
K/W
K/W
K/W
d
S
d
A
a
Creepage distance on surface
Strike distance through air
Max. allowable acceleration
2.0
2.0
100
mm
mm
m/s2
Data according to IEC 60747
V
RRM = 1200-1800 V
I
F(RMS) =
18 A
I
FAVM
=
11 A
Avalanche Diode
Features
• International standard package
JEDEC DO-203 AA
• Planar passivated chips
Applications
• Supplies for DC power equipment
• DC supply for PWM inverter
• Field supply for DC motors
• Battery DC power supplies
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature & power cycling
• Reduced protection circuits
Symbol
Conditions
Maximum Ratings
I
FRMS
I
FAVM
T
VJ = TVJM
T
C = 150°C; 180° sine
18
11
A
A
P
RSM
T
VJM, tp = 10 ms
4.5
kW
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
250
265
A
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
200
220
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
310
295
A2s
T
VJ = 150°C;
t = 10 ms
(50 Hz), sine
t = 8.3 ms (60 Hz), sine
200
190
A2s
T
VJ
T
VJM
T
stg
-40...+180
180
-40...+180
°C
°C
°C
M
d
mounting torque
2.2...2.8
Nm
Weight
typical
5
g
A
C
DO-203 AA
A = Anode, C = Cathode
C
A
V
RSM
V
V
(BR)min
V
V
RRM
V
Type
1300
1300
1200 DSA 9-12F
1700
1750
1600 DSA 9-16F
1900
1950
1800 DSA 9-18F
4.4
2.6
Ø 2
M5
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - DSA9

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DSA9-16F IXYS-DSA9-16F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DSA9-18F IXYS-DSA9-18F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DSA90C200HB IXYS-DSA90C200HB Datasheet
116Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA90C200HB IXYS-DSA90C200HB Datasheet
92Kb / 3P
Rectifiers in switch mode power supplies
More results

Similar Description - DSA9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
AVALANCHE DIODE
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
Avalanche Diode
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com