Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4936M Datasheet(PDF) 3 Page - Advanced Power Technology

Part # AP4936M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP4936M Datasheet(HTML) 3 Page - Advanced Power Technology

  AP4936M Datasheet HTML 1Page - Advanced Power Technology AP4936M Datasheet HTML 2Page - Advanced Power Technology AP4936M Datasheet HTML 3Page - Advanced Power Technology AP4936M Datasheet HTML 4Page - Advanced Power Technology AP4936M Datasheet HTML 5Page - Advanced Power Technology AP4936M Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP4936M
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
0
5
10
15
20
25
0123
456
V DS , Drain-to-Source Voltage (V)
T C =150
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V
0
5
10
15
20
25
30
01
23
45
6
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
8.0V
6.0V
5.0V
V GS =4.0V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V GS =10V
20
25
30
35
40
45
50
55
60
3456
789
10
11
V GS (V)
I D =5.0A
T C =25 ℃
℃
℃
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com