Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7282AWBCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7282AWBCPZ
Description  10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7282AWBCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7282AWBCPZ Datasheet HTML 17Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 18Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 19Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 20Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 21Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 22Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 23Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 24Page - Analog Devices ADV7282AWBCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADV7282A
Rev. A | Page 21 of 28
MIPI Tx OUTPUT (ADV7282A-M ONLY)
The decoder in the ADV7282A-M outputs an ITU-R BT.656
data stream. The ITU-R BT.656 data stream is connected into a
CSI-2 Tx module. Data from the CSI-2 Tx module is fed into a
D-PHY physical layer and output serially from the device.
The output of the ADV7282A-M consists of a single data
channel on the D0P and D0N lanes and a clock channel on the
CLKP and CLKN lanes.
Video data is output over the data lanes in high speed mode.
The data lanes enter low power mode during the horizontal
and vertical blanking periods.
The clock lanes clock the output video. After the ADV7282A-M
is programmed, the clock lanes exit low power mode and remain
in high speed mode until the device is reset or powered down.
The ADV7282A-M outputs video data in an 8-bit, YCrCb, 4:2:2
format. When the I2P core is disabled, the video data is output
in an interlaced format at a nominal data rate of 216 Mbps. When
the I2P core is enabled, the video data is output in a progressive
format at a nominal data rate of 432 Mbps (see the I2P Function
section for more information).
I2C PORT DESCRIPTION
The ADV7282A supports a 2-wire, I2C-compatible serial interface.
Two inputs, serial data (SDATA) and serial clock (SCLK), carry
information between the ADV7282A and the system I2C master
controller. The I2C port of the ADV7282A allows the user to set
up and configure the decoder and to read back captured VBI data.
The ADV7282A has a variety of possible I2C slave addresses and
subaddresses (see the Register Maps section). The main map of
the ADV7282A has four possible slave addresses for read and
write operations, depending on the logic level of the ALSB pin
(see Table 20).
Table 20. Main Map I2C Addresses
ALSB Pin
R/W Bit
Slave Address
0
0
0x40 (write)
0
1
0x41 (read)
1
0
0x42 (write)
1
1
0x43 (read)
The ALSB pin controls Bit 1 of the slave address. By changing
the logic level of the ALSB pin, it is possible to control two
ADV7282A devices in an application without using the same
I2C slave address. The LSB (Bit 0) specifies either a read or write
operation: Logic 1 corresponds to a read operation, and Logic 0
corresponds to a write operation.
To control the device on the bus, use the following protocol:
1. The master initiates a data transfer by establishing a start
condition, defined as a high to low transition on SDATA
while SCLK remains high, and indicates that an
address/data stream follows.
2. All peripherals respond to the start condition and shift
the next eight bits (the 7-bit address plus the R/W bit).
The bits are transferred from MSB to LSB.
3. The peripheral that recognizes the transmitted address
responds by pulling the data line low during the ninth
clock pulse; this is known as an acknowledge (ACK) bit.
4. All other devices withdraw from the bus and maintain an
idle condition. In the idle condition, the device monitors
the SDATA and SCLK lines for the start condition and the
correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on the
LSB of the first byte means that the master writes information
to the peripheral. Logic 1 on the LSB of the first byte means that
the master reads information from the peripheral.
D0P
(1 BIT)
D0N
(1 BIT)
CLKP
(1 BIT)
CLKN
(1 BIT)
ITU-R BT.656
DATA
STREAM
CSI-2
Tx
VIDEO
DECODER
D-PHY
Tx
ANALOG
VIDEO
INPUT
CSI Tx DATA
OUTPUT (8 BITS)
DATA LANE LP
SIGNALS (2 BITS)
CLOCK LANE LP
SIGNALS (2 BITS)
Figure 13. MIPI Tx Output Stage of the ADV7282A-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com