Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP8-08AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSP8-08AS
Description  Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSP8-08AS Datasheet(HTML) 2 Page - IXYS Corporation

  DSP8-08AS Datasheet HTML 1Page - IXYS Corporation DSP8-08AS Datasheet HTML 2Page - IXYS Corporation DSP8-08AS Datasheet HTML 3Page - IXYS Corporation DSP8-08AS Datasheet HTML 4Page - IXYS Corporation DSP8-08AS Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSP8-08AS
V
=
V
A²s
A²s
A²s
A²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.16
R
1.5
K/W
R
min.
8
VRSM
V
10
T
= 25°C
VJ
T
=
°C
VJ
mA
0.2
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
160
P
tot
100
W
T
= 25°C
C
R
K/W
8
800
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.35
T
= 25°C
VJ
150
V
F0
V
0.79
T
=
°C
VJ
175
rF
33
mΩ
V
1.08
T
=
°C
VJ
I =
A
F
V
8
1.34
I =
A
F
16
I =
A
F
16
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
800
max. repetitive reverse blocking voltage
T
= 25°C
VJ
CJ
4
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
175
120
130
50
50
A
A
A
A
100
110
72
70
800
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
900
0.25
IXYS reserves the right to change limits, conditions and dimensions.
20130107b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com