Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3L1B2LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D3V3L1B2LP3
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3L1B2LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  D3V3L1B2LP3 Datasheet HTML 1Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 2Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 3Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D3V3L1B2LP3
Document number: DS38553 Rev. 1 - 2
3 of 4
www.diodes.com
November 2016
© Diodes Incorporated
D3V3L1B2LP3
X1
Y
X
C
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
0
t, TIME ( s)
Figure 3 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
X3-DFN0603-2
Dim
Min
Max
Typ
A
0.27
0.35
0.30
A1
0.00
0.03
0.02
b
0.19
0.29
0.24
D
0.595
0.645
0.62
E
0.295
0.345
0.32
e
-
-
0.355
L
0.14
0.24
0.19
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.380
X
0.230
X1
0.610
Y
0.300
L (2x)
E
b (2x)
D
A1 (2x)
A
e
20
21
22
23
24
25
26
27
28
29
30
0
0.5
1
1.5
2
2.5
3
V
R, REVERSE VOLTAGE (V)
Figure 4 Typical Junction Capacitance
f =1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com