Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3M1U2LP3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D3V3M1U2LP3
Description  3.3V UNIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3M1U2LP3 Datasheet(HTML) 1 Page - Diodes Incorporated

  D3V3M1U2LP3 Datasheet HTML 1Page - Diodes Incorporated D3V3M1U2LP3 Datasheet HTML 2Page - Diodes Incorporated D3V3M1U2LP3 Datasheet HTML 3Page - Diodes Incorporated D3V3M1U2LP3 Datasheet HTML 4Page - Diodes Incorporated D3V3M1U2LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D3V3M1U2LP3
Document number: DS39322 Rev. 2 - 2
1 of 5
www.diodes.com
April 2017
© Diodes Incorporated
D3V3M1U2LP3
3.3V UNIDIRECTIONAL TVS DIODE
Product Summary
VBR MIN
IPP MAX
CT TYP
4.5V
12A
70pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high-
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
1 Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D3V3M1U2LP3-7
Standard
MY
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Device Schematic
Top View
X3-DFN0603-2
Pin 2
Pin 1
Bottom View
MY = Product Type Marking Code
Line Denotes Pin 1
MY


Similar Part No. - D3V3M1U2LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3M1U2S9 DIODES-D3V3M1U2S9 Datasheet
310Kb / 5P
3.3V UNIDIRECTIONAL TVS DIODE
Rev 1
D3V3M1U2S9-7 DIODES-D3V3M1U2S9-7 Datasheet
310Kb / 5P
3.3V UNIDIRECTIONAL TVS DIODE
Rev 1
logo
TECH PUBLIC Electronics...
D3V3M1U2S9-TP TECHPUBLIC-D3V3M1U2S9-TP Datasheet
2Mb / 4P
1-Line Uni-directional ESD DIODE
More results

Similar Description - D3V3M1U2LP3

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D3V3M1U2S9 DIODES-D3V3M1U2S9 Datasheet
310Kb / 5P
3.3V UNIDIRECTIONAL TVS DIODE
Rev 1
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com