Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 8302
Description  LVCMOS / LVTTL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8302 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 8302 Datasheet HTML 2Page - Integrated Device Technology 8302 Datasheet HTML 3Page - Integrated Device Technology 8302 Datasheet HTML 4Page - Integrated Device Technology 8302 Datasheet HTML 5Page - Integrated Device Technology 8302 Datasheet HTML 6Page - Integrated Device Technology 8302 Datasheet HTML 7Page - Integrated Device Technology 8302 Datasheet HTML 8Page - Integrated Device Technology 8302 Datasheet HTML 9Page - Integrated Device Technology 8302 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8302 Data Sheet
©2016 Integrated Device Technology, Inc
Revision D March 4, 2016
8
TABLE 7. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8302AMLF
8302AMLF
8 lead “Lead Free” SOIC
tube
0°C to 70°C
8302AMLFT
8302AMLF
8 lead “Lead Free” SOIC
tape & reel
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com