Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950223 Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 16Page - Integrated Circuit Systems ICS950223 Datasheet HTML 17Page - Integrated Circuit Systems ICS950223 Datasheet HTML 18Page - Integrated Circuit Systems ICS950223 Datasheet HTML 19Page - Integrated Circuit Systems ICS950223 Datasheet HTML 20Page - Integrated Circuit Systems ICS950223 Datasheet HTML 21Page - Integrated Circuit Systems ICS950223 Datasheet HTML 22Page - Integrated Circuit Systems ICS950223 Datasheet HTML 23Page - Integrated Circuit Systems ICS950223 Datasheet HTML 24Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) serve as dual signal
functions to the device. During initial power-up, they act as input
pins.The logic level (voltage) that is present on these pins at this
time is read and stored into a 5-bit internal data latch. At the end
of Power-On reset, (see AC characteristics for timing values),
the device changes the mode of operations for these pins to an
output function. In this mode the pins produce the specified
buffered clocks to external loads.
To program (load) the internal configuration register for
these pins, a resistor is connected to either the VDD (logic 1)
power supply or the GND (logic 0) voltage potential. A 10
Kilohm (10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Figure 1 shows a means of implementing this function when
a switch or 2 pin header is used.With no jumper is installed the
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
pin will be pulled high. With the jumper in place the pin will be
pulled low. If programmability is not necessary, than only a
single resistor is necessary.The programming resistors should
be located close to the series termination resistor to minimize
the current loop area. It is more important to locate the series
termination resistor close to the driver than the programming
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com