Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1482G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1482G-S08-R
Description  SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1482G-S08-R Datasheet HTML 1Page - Unisonic Technologies P1482G-S08-R Datasheet HTML 2Page - Unisonic Technologies P1482G-S08-R Datasheet HTML 3Page - Unisonic Technologies P1482G-S08-R Datasheet HTML 4Page - Unisonic Technologies P1482G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1482
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-057.K
2A, 18V, 340KHZ
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P1482 is a synchronous buck regulator. The device
provides 2A of continuous load current over a wide input voltage
of 6V~18V. Current mode control provides fast transient response
and cycle-bycycle current limit. An adjustable soft-start prevents
inrush current at turn-on.
The UTC P1482 can provide low-ripple power, high efficiency,
and perfect transient characteristics. The duty ratio varies linearly
from 0% to 92% in the PWM control. The error amplifier circuit
and soft-start circuit included in this device can prevent overshoot
at startup. An enable function, an over current protect (OCP)
function and short circuit protect (SCP) are also build inside, and
when OCP happens, the operation frequency will be reduced.
FEATURES
* 2A Output Current
* Wide 6V~18V Operating Input Range
* Integrated Power MOSFET Switches
* Programmable Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 340KHz Frequency
* Cycle-by-Cycle Over Current Protection
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P1482L-S08-R
P1482G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - P1482G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1482G-S08-R UTC-P1482G-S08-R Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results

Similar Description - P1482G-S08-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com