Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL431K-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LL431K-AF5-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LL431K-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LL431K-AF5-R Datasheet HTML 1Page - Unisonic Technologies LL431K-AF5-R Datasheet HTML 2Page - Unisonic Technologies LL431K-AF5-R Datasheet HTML 3Page - Unisonic Technologies LL431K-AF5-R Datasheet HTML 4Page - Unisonic Technologies LL431K-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LL431
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R121-020.I
PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC LL431 is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 36 V with two external resistors. It
can be used in provides very wide applications including shunt
regulator, series regulator, switching regulator, voltage reference
and others.
FEATURES
*Programmable output Voltage to 36V.
*Sink current capability of 1.0 to 100mA.
*Equivalent full-range temperature coefficient of 50ppm/
C
typical for operation over full rated operating temperature range.
TO-92
1
SOP-8
SOT-89
SOT-25
1
3
5
2
4
1
1
2
3
SOT-23-3
(JEDEC TO-236)
1
2
3
SOT-23
(JEDEC SC-59)
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
7
8
Packing
LL431K-AB3-R
LL431G-AB3-R
SOT-89
R
A
K
-
-
-
-
-
Tape Reel
LL431K-AE2-R
LL431G-AE2-R
SOT-23-3
K
R
A
-
-
-
-
-
Tape Reel
LL431NSL-AE2-R
LL431NSG-AE2-R
SOT-23-3
R
K
A
-
-
-
-
-
Tape Reel
LL431K-AE3-R
LL431G-AE3-R
SOT-23
K
R
A
-
-
-
-
-
Tape Reel
LL431NSK-AE3-R
LL431NSG-AE3-R
SOT-23
R
K
A
-
-
-
-
-
Tape Reel
LL431K-AF5-R
LL431G-AF5-R
SOT-25
X
X
K
R
A
-
-
-
Tape Reel
LL431K-S08-R
LL431G-S08-R
SOP-8
K
A
A
X
X
A
A
R
Tape Reel
LL431K-T92-B
LL431G-T92-B
TO-92
R
A
K
-
-
-
-
-
Tape Box
LL431K-T92-K
LL431G-T92-K
TO-92
R
A
K
-
-
-
-
-
Bulk
LL431K-T92-R
LL431G-T92-R
TO-92
R
A
K
-
-
-
-
-
Tape Reel
Note: Pin Code: K: Cathode
A: Anode
R: Reference
X: No Connection


Similar Part No. - LL431K-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LL431K-AF5-R UTC-LL431K-AF5-R Datasheet
221Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - LL431K-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com