Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3586 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P3586
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3586 Datasheet(HTML) 4 Page - Unisonic Technologies

  P3586 Datasheet HTML 1Page - Unisonic Technologies P3586 Datasheet HTML 2Page - Unisonic Technologies P3586 Datasheet HTML 3Page - Unisonic Technologies P3586 Datasheet HTML 4Page - Unisonic Technologies P3586 Datasheet HTML 5Page - Unisonic Technologies P3586 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P3586
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-050.C
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VCC
-0.3 ~+23
V
Feedback Pin Voltage
VFB
-0.3 ~ +6
V
ON/OFF Pin Voltage
VEN
- 0.3 ~ VCC +0.3
V
Switch Pin Voltage
VSW
- 0.3 ~ VCC+ 0.3
V
Operating Supply Voltage
VOP
+3.6 ~ +20
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
-20 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
70
°С/W
Junction to Case
θJC
25
°С/W
Note: θJA is measured with the PCB copper area(need connect to SW pins) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS (VIN = 12V, Ta= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
IOUT=0.1A
0.784
0.80
0.816
V
Feedback Bias Current
IFB(BIAS)
IOUT=0.1A
0.1
0.5
μA
Switch Current
ISW
Pear current, No outside circuit
VFB=0.7V Force driver on
3.2
4.5
A
Standby Current
ISTN-BY
VEN=0V No outside circuit VFB=0V
Force driver on
10
μA
Quiescent Current
IQ
VFB=1.2V Force driver off
3
5
mA
Oscillation Frequency
fOSC
Measure waveform at SW Pin
1.0
1.2
1.4
MHz
Frequency of Current Limit or Short
Circuit Protect
fOSC1
Measure waveform at SW Pin
70
90
120
KHz
Line Regulation
OUT
OUT
V
V
∆
VCC=5V-20V, IOUT=0.2A
1
2
%
Load Regulation
OUT
OUT
V
V
∆
IOUT=0.2A-3A
0.2
0.5
%
ISH
VEN=2.5V(ON)
30
μA
EN Pin Input Current
ISL
VEN=0.3V(OFF)
0
1
μA
VCC=5V,VFB=0V
110
150
mΩ
Internal MOSFET RDS(ON)
RDS(ON)
VCC=12V,VFB=0V
70
100
mΩ
VSH
High(regulator ON)
2.0
V
EN Pin Logic input threshold voltage
VSL
Low(regulator OFF)
0.8
V
Thermal Shutdown Temp
TSD
160
°C
Efficiency
EFFI.
VIN = 12V, VOUT = 5V, IOUT = 3A
88
%
Soft Start Time
TSS
0.3
2
5
mS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com