Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2583G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P2583G-S08-R
Description  380KHz, 3A STEP-DOWN SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2583G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P2583G-S08-R Datasheet HTML 1Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 2Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 3Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 4Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 5Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P2583
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-052.C
ABSOLUTE MAXIMUM RATING (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
28
V
Switch Voltage
VSW
-1~ VIN+1
V
Feedback Voltage
VFB
-0.3~6
V
Enable/UVLO Voltage
VEN
-0.3~6
V
Comp Voltage
VCOMP
-0.3~6
V
Sync Voltage
VSYNC
-0.3~6
V
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note:1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Exceeding these ratings may damage the device.
RECOMMENDED OPERATING CONDITIONS (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
3.6~28
V
Ambient Operating Temperature
TA
-40 ~ +125
°C
Note: 3. The device is not guaranteed to function outside its operating rating.
PACKAGE THERMAL CHARACTERISTICS (Note 4)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
105
°C/W
Junction to Case
θJC
50
°C/W
Note: 4. Measured on approximately 1” square of 1 oz. Copper surrounding device leads.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified VIN=12V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
4.75V ≤ VIN ≤ 25V, VCOMP < 2V 1.198
1.222
1.246
V
Switch On Resistance
RSW
0.11
Ω
Upper Switch Leakage
IO(OFF)
VEN =0V, VSW =0V
0
15
µA
Current Limit
ILIMIT
3.3
A
Current Limit Gain.
Output Current to Comp Pin Voltage
5.5
A/V
Error Amplifier Transconductance
ΔIC =±10μA
500
800
1100
µA/V
Oscillator Frequency
F
342
380
418
KHZ
Short Circuit Frequency
F
VFB=0V
25
50
75
KHZ
Maximum Duty Cycle
DMAX
VFB =1.0V
90
%
Minimum Duty Cycle
DMIN
VFB =1.5V
0
%
Enable Threshold
VEN
ICC > 100μA
1.2
V
Enable Pull Up Current
IEN
VEN =0V
1.5
µA
Supply Current (quiescent)
ICC
VEN ≥2.6V; VFB =1.4V
2.2
3.5
mA
Shutdown Current
ISD
VEN =0V
20
35
µA
Thermal Shutdown
T
160
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com