Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431LG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL431LG-S08-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431LG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL431LG-S08-R Datasheet HTML 1Page - Unisonic Technologies TL431LG-S08-R Datasheet HTML 2Page - Unisonic Technologies TL431LG-S08-R Datasheet HTML 3Page - Unisonic Technologies TL431LG-S08-R Datasheet HTML 4Page - Unisonic Technologies TL431LG-S08-R Datasheet HTML 5Page - Unisonic Technologies TL431LG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431L
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R103-014.I
PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC TL431L is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 20V with two external resistors. It provides
very wide applications, including shunt regulator, series regulator,
switching regulator, voltage reference and others.
FEATURES
*Programmable Output Voltage to 20V.
*Low Dynamic Output Impedance 0.2
.
*Sink Current Capability of 1.0 ~ 100mA.
*Equivalent full-Range Temperature Coefficient of 50ppm/
C Typical
for Operation over full Rated Operating Temperature Range.
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
123456 7 8
Packing
TL431LK-AB3-R
TL431LG-AB3-R
SOT-89
R A K
-
-
-
-
-
Tape Reel
TL431LK-AE3-R
TL431LG-AE3-R
SOT-23
K R A
-
-
-
-
-
Tape Reel
TL431LK-AF5-R
TL431LG-AF5-R
SOT-25
X X K R A
-
-
-
Tape Reel
TL431LK-AF5-C-R
TL431LG-AF5-C-R
SOT-25
R A K X X
-
-
-
Tape Reel
TL431LK-S08-R
TL431LG-S08-R
SOP-8
K A A X X A A R
Tape Reel
TL431LK-S08-T
TL431LG-S08-T
SOP-8
K A A X X A A R
Tube
TL431LK-SM1-R
TL431LG-SM1-R
MSOP-8
K XXXX A X R
Tape Reel
TL431LK-SM1-T
TL431LG-SM1-T
MSOP-8
K XXXX A X R
Tube
TL431LK-T92-B
TL431LG-T92-B
TO-92
R A K
-
-
-
-
-
Tape Box
TL431LK-T92-K
TL431LG-T92-K
TO-92
R A K
-
-
-
-
-
Bulk
TL431LK-T92-R
TL431LG-T92-R
TO-92
R A K
-
-
-
-
-
Tape Reel
Note: Pin Code: K: Cathode
A: Anode
R: Reference
X: No Connection


Similar Part No. - TL431LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431LG-S08-R UTC-TL431LG-S08-R Datasheet
238Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
TL431LG-S08-R UTC-TL431LG-S08-R Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com