Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRISMPS3 Datasheet(PDF) 2 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 2 Page - International Rectifier

  IRISMPS3 Datasheet HTML 1Page - International Rectifier IRISMPS3 Datasheet HTML 2Page - International Rectifier IRISMPS3 Datasheet HTML 3Page - International Rectifier IRISMPS3 Datasheet HTML 4Page - International Rectifier IRISMPS3 Datasheet HTML 5Page - International Rectifier IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.irf.com
IRISMPS3
Circuit Description
The IRISMPS3 reference design is a complete tested power supply circuit. It is designed for a universal AC
line input and will provide a 15V, 4A full load DC output.
The design uses a flyback converter topology, with an IRIS4013K as the main switch and control device. The
initial start-up current for the IRIS4013K is provided by a dropper resistor from the DC bus. Once the circuit is
started the Vcc power for the IRIS4013K comes from the bias winding of the main transformer. The primary
current control circuit consists of a current sensing resistor which feeds a voltage proportional to the transformer
primary current into the feedback (FB) pin of the IRIS4013K. The secondary voltage control loop uses an LM431
precision shunt regulator as the reference and an optocoupler to feedback the information across the transformer
galvanic isolation boundary back to the control circuit of the IRIS4013K.
Test Circuit Set-up
The circuit is designed for a universal AC line input. To safely test and evaluate this circuit it is recommended
that an isolation transformer or a synthesized and isolated AC source (such as a Pacific Power Source 115-ASX)
is used to power the board, with a voltage in the range of 90-265VAC, with a frequency of 50/60Hz. The AC input
signal is applied to the pins at P1 and P3 marked on the board.
For the output the best load to use is an electronic load which will allow easy changes in the output load, e.g.
something like a Chroma 63102. Another simple alternative is to use a High power resistor for the load. The output
connection are as follows: P2 is the Positive output voltage connection, P4 is the negative(or return) output con-
nection.
Circuit Operation
The front end of the circuit consists of an EMI Filter, a diode bridge rectifier, and a DC bus filter capacitor.
These are all fairly common circuit components used to create a DC voltage at the top end of the transformer.
At power up the DC voltage is applied to the top of the transformer, and the top of resistor R2. R2 and R3 allow
Fig 1) Connections to the board viewed from the top board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com