Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2R11 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX2R11
Description  2A Half-Bridge Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2R11 Datasheet(HTML) 4 Page - IXYS Corporation

  IX2R11 Datasheet HTML 1Page - IXYS Corporation IX2R11 Datasheet HTML 2Page - IXYS Corporation IX2R11 Datasheet HTML 3Page - IXYS Corporation IX2R11 Datasheet HTML 4Page - IXYS Corporation IX2R11 Datasheet HTML 5Page - IXYS Corporation IX2R11 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
IX2R11
Figure 3. INPUT/OUPUT Timing Diagram
Symbol
Definition
Test Conditions
Min
Typ
Max
Units
V
INH
Logic “1” input voltage
V
DD= VCL= 15V
7.0
V
V
INL
Logic “0” input voltage
V
DD= VCC= 15V
6
V
V
HLGO // VHHGO High level output voltage,
I
O= 0A
0.28
V
V
CH-VHGO or VCL-VLGO
V
LLGO // VLHGO High level output voltage,
I
O= 0A
.23
V
V
HGO or VLGO
I
HL
HS to LS bias current.
V
HS= VCH= 600V
.17
mA
I
QHS
Quiescent V
CH supply current
V
IN= 0V or VDD
.77
mA
I
QLS
Quiescent V
CL supply current
V
IN= 0V or VDD
.79
mA
I
QDD
Quiescent V
DD supply current
V
IN= 0V or VDD
36
uA
I
IN+
Logic “1” input bias current
V
IN= VDD
2uA
I
IN-
Logic “0” input voltage
V
IN= 0V
1
uA
V
CHUV+VCH supply undervoltage positive going threshold.
8.3
V
V
CHUV-VCH supply undervoltage negative going threshold.
8.2
V
V
CLUV+VCL supply undervoltage positive going threshold
8.1
V
V
CLUV-VCL
supply undervoltage negative going threshold.
8.0
V
I
GO+
HS or LS Output low short circuit current; V
GO= 15V, VIN= 0V, PW<10us
+2
A
I
GO-
HS or LS Output low short circuit current; V
GO= 15V, VIN=0V, PW<10us
-2
A
Dynamic Electrical Characteristics
Symbol
Definition
Test Conditions
Min
Typ
Max Units
t
on
Turn-on propagation delay
V
HS= 0V, Cload= 2nF
120
ns
t
off
Turn-off propagation delay
V
HS= 600V, Cload= 2nF
87
ns
t
enb
Device Not enable delay
202
ns
t
r
Turn-on rise time
C
load= 2nF
23
ns
t
f
Turn-off fall time
C
load= 2nF
22
ns
t
dm
Delay matching, HS & LS turn-on/off
C
load= 2nF
10
20
ns
Static Electrical Characteristics
Figure 4. ENABLE Waveform Definitions
Timing Waveform Definitions
HIN/LIN
ENB
LGO/HGO
ENB
LGO/HGO
10%
50%
tenb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com