Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03431 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03431
Description  SAW Filter 96.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03431 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03431 Datasheet HTML 1Page - Golledge Electronics Ltd MP03431 Datasheet HTML 2Page - Golledge Electronics Ltd MP03431 Datasheet HTML 3Page - Golledge Electronics Ltd MP03431 Datasheet HTML 4Page - Golledge Electronics Ltd MP03431 Datasheet HTML 5Page - Golledge Electronics Ltd MP03431 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 96.0MHz
Model: TB0479A
Part No: MP03431
Rev No: 2
TC0269A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: -30°C to 85°C
2. Storage Temperature: -40°C to 85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
96
-
Insertion Loss IL
dB
-
11.8
15
1dB Bandwidth
MHz
1.56
1.80
-
Relative attenuation
91MHz - 94.5MHz
97.5MHz - 98.5MHz
10MHz - 60MHz
76.8MHz
132MHz - 135MHz
135MHz - 1000MHz
dB
6
6
55
55
55
35
9.5
11.5
72
72
74
58
-
-
-
-
-
-
Passband Ripple
95.2MHz - 96.8MHz
dB, p-p
-
0.9
1.2
Group Delay Ripple
95.2MHz - 96.8MHz
nsec
-
62
120


Similar Part No. - MP03431

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03430 GOLLEDGE-MP03430 Datasheet
103Kb / 7P
SAW Filter 79.0MHz
MP03432 GOLLEDGE-MP03432 Datasheet
117Kb / 7P
SAW Filter 109.0MHz
More results

Similar Description - MP03431

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
807-SL96.0M-22A OSCILENT-807-SL96.0M-22A Datasheet
231Kb / 5P
96.0MHz IF SAW Bandpass Filter 22.0MHz Bandwidth
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
813-SL96.0M-35 OSCILENT-813-SL96.0M-35_14 Datasheet
185Kb / 6P
96.0MHz IF SAW Filter 36.0MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com